PART |
Description |
Maker |
APG2C1-385 |
Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours
|
Roithner LaserTechnik GmbH
|
APG2C1-410 |
Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
|
Roithner LaserTechnik GmbH
|
CMR2-10 CMR2-02 CMR2-04 CMR2-06 |
GENERAL PURPOSE RECTIFIER 2.0 AMP, 200 THUR 1,000 VOLTS 2 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SPB200UFA SPB50UFA SPB150UFA SPB100UFA |
5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
|
Voltage Multipliers Inc.
|
SRH20FSMSTXV SRH20FTX |
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
X20FF3 X20FF5 X50FF3 X100FF3 X100FF5 X150FF3 X150F |
2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
ETC[ETC]
|
SRH20HFS SRH20HFSMSS |
1.5 AMP 2,000 - 3,000 VOLTS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
1N6836 1N6837 1N6838 1N6839 1N6513U |
2,000 V - 5,000 V Rectifiers 0.5 A - 1.5 A Forward Current 30 ns - 50 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SP300S SP250S |
15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
9605R1.7KL2.0 9610R3.4KL2.0 9615R5.1KL2.0 |
1,000,000 Full Cycles; 5,000,000 Dither Cycles
|
List of Unclassifed Man...
|